Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HS-3000 Fiches technique(PDF) 42 Page - BOSER Technology Co., Ltd

No de pièce HS-3000
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOSER [BOSER Technology Co., Ltd]
Site Internet  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000 Fiches technique(HTML) 42 Page - BOSER Technology Co., Ltd

Back Button HS-3000 Datasheet HTML 38Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 39Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 40Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 41Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 42Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 43Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 44Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 45Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 46Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
36
4.10 Change Supervisor/User Password
AMIBIOS SETUP – PERIPHERAL SETUP
(C)1999 American Megatrends, Inc. All Rights Reserved
Standard CMOS Setup
Advanced CMOS Setup
Advanced Chipset Setup
Power Management Setup
Enter new supervisor password: _
Change Supervisor Password
Auto Configuration with Optimal Settings
Auto Configuration with Fail Safe Settings
Save Settings and Exit
Exit Without Saving
Standard CMOS setup for changing time, date, hard disk type, etc.
ESC:Exit
:Sel F2/F3: Color F10: Save & Exit
You can set either supervisor or user password, or both of then. The
differences between are:
supervisor password: can enter and change the options of the setup
menus.
user password: just can only enter but do not have the right to change the
options of the setup menus.
When you select this function, the following message will appear at the
center of the screen to assist you in creating a password.
ENTER PASSWORD:
Type the password, up to eight characters in length, and press
<Enter>. The password typed now will clear any previously entered
password from CMOS memory. You will be asked to confirm the
password. Type the password again and press <Enter>. You may also
press <Esc> to abort the selection and not enter a password.
To disable a password, just press <Enter> when you are prompted to
enter the password. A message will confirm the password will be
disabled. Once the password is disabled, the system will boot and you
can enter Setup freely.
PASSWORD DISABLED.
When a password has been enabled, you will be prompted to enter it
every time you try to enter Setup. This prevents an unauthorized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46