| Moteur de recherche de fiches techniques de composants électroniques |
|
HS-3000 Fiches technique(PDF) 35 Page - BOSER Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
HS-3000 Fiches technique(HTML) 35 Page - BOSER Technology Co., Ltd |
|
35 / 46 page ![]() 29 4.3 Main Menu Once you enter the Award BIOS CMOS Setup Utility, the Main Menu will appear on the screen. The Main Menu allows you to select from several setup functions and two exit choices. Use the arrow keys to select among the items and press <Enter> to enter the sub-menu. AMI BIOS Setup Utility – Version 1.23 © 1999 American Megatrends, Inc. All Rights Reserved STANDARD CMOS SETUP Advanced CMOS Setup Advanced Chipset Setup PCI / Plug and Play Setup Peripheral Setup Auto-Detect Hard Disks Change User Password Change Language Setting Auto Configuration with Optional Settings Auto Configuration with Fail Safe Settings Save Settings and Exit Exit Without Saving Load configuration settings giving highest performance Esc: Exit : Sel F2/F3: Color F10: Save & Exit |