Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC33 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Fiches technique(HTML) 2 Page - Texas Instruments

  TMS320VC33 Datasheet HTML 1Page - Texas Instruments TMS320VC33 Datasheet HTML 2Page - Texas Instruments TMS320VC33 Datasheet HTML 3Page - Texas Instruments TMS320VC33 Datasheet HTML 4Page - Texas Instruments TMS320VC33 Datasheet HTML 5Page - Texas Instruments TMS320VC33 Datasheet HTML 6Page - Texas Instruments TMS320VC33 Datasheet HTML 7Page - Texas Instruments TMS320VC33 Datasheet HTML 8Page - Texas Instruments TMS320VC33 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E − FEBRUARY 1999 − REVISED JANUARY 2004
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
description (continued)
General-purpose applications are greatly enhanced by the large address space, multiprocessor interface,
internally and externally generated wait states, one external interface port, two timers, one serial port, and
multiple-interrupt structure. The TMS320C3x supports a wide variety of system applications from host
processor to dedicated coprocessor. High-level-language support is easily implemented through a
register-based architecture, large address space, powerful addressing modes, flexible instruction set, and
well-supported floating-point arithmetic.
The TMS320VC33 is a superset of the TMS320C31. Designers now have an additional 1M bits of on-chip
SRAM, a maximum throughput of 150 MFLOPS, and several I/O enhancements that allow easy upgrades to
current systems or creation of new baselines. This data sheet provides information required to fully utilize the
new features of the TMS320VC33 device. For general TMS320C3x architecture and programming information,
see the TMS320C3x User’s Guide (literature number SPRU031).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57