Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320VC33 Fiches technique(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Fiches technique(HTML) 38 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 34Page - Texas Instruments TMS320VC33 Datasheet HTML 35Page - Texas Instruments TMS320VC33 Datasheet HTML 36Page - Texas Instruments TMS320VC33 Datasheet HTML 37Page - Texas Instruments TMS320VC33 Datasheet HTML 38Page - Texas Instruments TMS320VC33 Datasheet HTML 39Page - Texas Instruments TMS320VC33 Datasheet HTML 40Page - Texas Instruments TMS320VC33 Datasheet HTML 41Page - Texas Instruments TMS320VC33 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E − FEBRUARY 1999 − REVISED JANUARY 2004
38
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
changing XFx from an output to an input
The following tables define the timing parameters for changing the XFx pin from an output pin to an input pin.
timing requirements for changing XFx from output to input mode (see Figure 26)
VC33-120
VC33-150
UNIT
MIN
MAX
MIN
MAX
UNIT
tsu(XF-H1L)
Setup time, XFx before H1 low
5
4
ns
th(H1L-XF)
Hold time, XFx after H1 low
0
0
ns
switching characteristics over recommended operating conditions for changing XFx from output to
input mode (see Figure 26)
PARAMETER
VC33-120
VC33-150
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tdis(H3H-XF)
Disable time, XFx after H3 high
6
5
ns
Execute
Load of IOF
Buffers Go
From Output
to Output
Synchronizer
Delay
Value on Pin
Seen in IOF
H3
H1
XFx
INXFx Bit
(see Note A)
I / OxFx Bit
(see Note A)
Data
Sampled
Data
Seen
Output
tdis(H3H-XF)
tsu(XF-H1L)
th(H1L-XF)
NOTE A: I / OxFx represents either bit 1 or bit 5 of the IOF register, and INXFx represents either bit 3 or bit 7 of the IOF register.
Figure 26. Timing for Changing XFx From Output to Input Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57