Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CSG896M Fiches technique(PDF) 172 Page - Actel Corporation

No de pièce AX2000-1CSG896M
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896M Fiches technique(HTML) 172 Page - Actel Corporation

Back Button AX2000-1CSG896M Datasheet HTML 168Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 169Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 170Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 171Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 172Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 173Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 174Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 175Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 176Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 226 page
background image
Axcelerator Family FPGAs
3- 66
v2.7
VCCIB0
K14
VCCIB0
K15
VCCIB1
A28
VCCIB1
B28
VCCIB1
J19
VCCIB1
J20
VCCIB1
J21
VCCIB1
K16
VCCIB1
K17
VCCIB1
K18
VCCIB1
K19
VCCIB1
K20
VCCIB2
C29
VCCIB2
C30
VCCIB2
K22
VCCIB2
L21
VCCIB2
L22
VCCIB2
M21
VCCIB2
M22
VCCIB2
N21
VCCIB2
P21
VCCIB2
R21
VCCIB3
AA22
VCCIB3
AH29
VCCIB3
AH30
VCCIB3
T21
VCCIB3
U21
VCCIB3
V21
VCCIB3
W21
VCCIB3
W22
VCCIB3
Y21
VCCIB3
Y22
VCCIB4
AA16
VCCIB4
AA17
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
VCCIB4
AA18
VCCIB4
AA19
VCCIB4
AA20
VCCIB4
AB19
VCCIB4
AB20
VCCIB4
AB21
VCCIB4
AJ28
VCCIB4
AK28
VCCIB5
AA11
VCCIB5
AA12
VCCIB5
AA13
VCCIB5
AA14
VCCIB5
AA15
VCCIB5
AB10
VCCIB5
AB11
VCCIB5
AB12
VCCIB5
AJ3
VCCIB5
AK3
VCCIB6
AA9
VCCIB6
AH1
VCCIB6
AH2
VCCIB6
T10
VCCIB6
U10
VCCIB6
V10
VCCIB6
W10
VCCIB6
W9
VCCIB6
Y10
VCCIB6
Y9
VCCIB7
C1
VCCIB7
C2
VCCIB7
K9
VCCIB7
L10
VCCIB7
L9
VCCIB7
M10
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
VCCIB7
M9
VCCIB7
N10
VCCIB7
P10
VCCIB7
R10
VCCPLA
G14
VCCPLB
H15
VCCPLC
G17
VCCPLD
J16
VCCPLE
AH17
VCCPLF
AC16
VCCPLG
AH14
VCCPLH
AD15
VCOMPLA
F14
VCOMPLB
J15
VCOMPLC
F17
VCOMPLD
H16
VCOMPLE
AF17
VCOMPLF
AD16
VCOMPLG
AF14
VCOMPLH
AB15
VPUMP
G24
896-Pin FBGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More