| Moteur de recherche de fiches techniques de composants électroniques |
|
AX2000-1CSG896M Fiches technique(PDF) 32 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896M Fiches technique(HTML) 32 Page - Actel Corporation |
|
32 / 226 page ![]() Axcelerator Family FPGAs 2- 18 v2.7 User I/O Naming Conventions Due to the complex and flexible nature of the Axcelerator family’s user I/Os, a naming scheme is used to show the details of the I/O. The naming scheme explains to which bank an I/O belongs, as well as the pairing and pin polarity for differential I/Os (Figure 2-7). Figure 2-7 • I/O Bank and Dedicated Pin Layout Figure 2-8 • General Naming Schemes Corner4 Corner3 Corner1 I/O BANK 0 I/O BANK 5 I/O BANK 1 I/O BANK 4 Corner2 AX125 GND V CCDA GND V CCDA GND V CCDA GND V CCDA GND V CCDA GND V CCA GND V CCA GND V CCA GND V CCA GND V CCI 2 GND V CCDA GND V CCI 6 GND V CCI 7 GND V CCI 3 IOxxXBxFx Fx refers to an unimplemented feature and can be ignored. Bank I/D 0 through 7, clockwise from IOB NW P - Positive Pin/ N- Negative Pin Pair number in the bank, starting at 00, clockwise from IOB NW IO12PB1F1 is the positive pin of the thirteenth pair of the first I/O bank (IOB NE). IO12PB1 combined with IO12NB1 form a differential pair. For those I/Os that can be employed either as a user I/O or as a special function, the following nomenclature is used: IOxxXBxFx/special_function_name IOxxPB1Fx/xCLKx this pin can be configured as a clock input or as a user I/O. Examples: |