| Moteur de recherche de fiches techniques de composants électroniques |
|
AX2000-1CSG896M Fiches technique(PDF) 169 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896M Fiches technique(HTML) 169 Page - Actel Corporation |
|
169 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-63 IO293PB6F27 V2 IO294NB6F27 T8 IO294PB6F27 T9 IO296NB6F27 T1 IO296PB6F27 U1 IO298NB6F27 T7 IO298PB6F27 T6 IO299NB6F27 R2 IO299PB6F27 T2 Bank 7 IO300NB7F28 R8 IO300PB7F28 R9 IO302NB7F28 R4 IO302PB7F28 R5 IO303NB7F28 P1 IO303PB7F28 R1 IO304NB7F28 R7 IO304PB7F28 R6 IO306NB7F28 N2 IO306PB7F28 P2 IO307NB7F28 N3 IO307PB7F28 P3 IO308NB7F28 P9 IO308PB7F28 P8 IO309NB7F28 P4 IO309PB7F28 P5 IO310NB7F29 P7 IO310PB7F29 P6 IO311NB7F29 L1 IO311PB7F29 M1 IO312NB7F29 M5 IO312PB7F29 N5 IO313NB7F29 M4 IO313PB7F29 N4 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO315NB7F29 L2 IO315PB7F29 M2 IO316NB7F29 N7 IO316PB7F29 N6 IO317NB7F29 L3 IO317PB7F29 M3 IO318NB7F29 N8 IO318PB7F29 N9 IO320NB7F29 L6 IO320PB7F29 M6 IO321NB7F30 K4 IO321PB7F30 L4 IO322NB7F30 M8 IO322PB7F30 M7 IO323NB7F30 J1 IO323PB7F30 K1 IO324NB7F30 K5 IO324PB7F30 L5 IO326NB7F30 G1* IO326PB7F30 K2* IO327NB7F30 J4 IO327PB7F30 J3 IO328NB7F30 L8 IO328PB7F30 L7 IO329NB7F30 G2 IO329PB7F30 H2 IO330NB7F30 G3 IO330PB7F30 H3 IO331NB7F30 K8 IO331PB7F30 K7 IO332NB7F31 J6 IO332PB7F31 K6 IO333NB7F31 D1 IO333PB7F31 D2 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO334NB7F31 G4 IO334PB7F31 H4 IO335NB7F31 F2 IO335PB7F31 F1 IO336NB7F31 H5 IO336PB7F31 J5 IO337NB7F31 E2 IO337PB7F31 E1 IO338NB7F31 H7 IO338PB7F31 J7 IO339NB7F31 F4 IO339PB7F31 F3 IO340NB7F31 F5 IO340PB7F31 G5 IO341NB7F31 G6 IO341PB7F31 H6 Dedicated I/O GND A13 GND A18 GND A2 GND A23 GND A29 GND A8 GND AA10 GND AA21 GND AA28 GND AA3 GND AB2 GND AB22 GND AB29 GND AB9 GND AC1 GND AC30 GND AE25 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |