Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATSAM2553 Fiches technique(PDF) 26 Page - ATMEL Corporation

No de pièce ATSAM2553
Description  Sound Synthesis
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2553 Fiches technique(HTML) 26 Page - ATMEL Corporation

Back Button ATSAM2553 Datasheet HTML 21Page - ATMEL Corporation ATSAM2553 Datasheet HTML 22Page - ATMEL Corporation ATSAM2553 Datasheet HTML 23Page - ATMEL Corporation ATSAM2553 Datasheet HTML 24Page - ATMEL Corporation ATSAM2553 Datasheet HTML 25Page - ATMEL Corporation ATSAM2553 Datasheet HTML 26Page - ATMEL Corporation ATSAM2553 Datasheet HTML 27Page - ATMEL Corporation ATSAM2553 Datasheet HTML 28Page - ATMEL Corporation ATSAM2553 Datasheet HTML 29Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
26
6399A–DRMSD–13-Oct-08
ATSAM2553
Key velocity & Status:
• SRQ: If 1, indicates that the velocity detection is completed and that this key requests
attention from the P16. In this case BUSY = 0, ON and VEL hold valid information.
• ON: 1 indicates key-on, 0 indicates key-off. Valid only if SRQ = 1.
• BUSY: Used internally by the scanning hardware, indicates “velocity detection in progress”.
• VEL: From 0 to 255, valid only if SRQ = 1, indicates the time between contacts. Time is
depending on Scanning divider and Scanning matrix configuration.
Time = TimeCount x 2Scanning divider x (1 + Scanning matrix)
– 0 < VEL < 128: TimeCount = VEL x 41.6 µs.
– 128 < VEL < 192: TimeCount = 128 x 41.6 µs + (VEL - 128) x 2 x 41.6µs.
– 192 < VEL < 224: TimeCount = 2 x 128 x 41.6 µs + (VEL - 192) x 4 x 41.6µs.
– 224 < VEL < 240: TimeCount = 3 x 128 x 41.6 µs + (VEL - 224) x 8 x 41.6µs.
– 240 < VEL < 255: TimeCount = 4 x 128 x 41.6 µs + (VEL - 240) x 16 x 41.6µs.
• LED data: The P16 should write to these locations the MK information which should appear
to the MK[10:0] pins at row[2:0] time.
• Switch data: These locations hold the BR information read from the BR[10:0] pins at row[3:0]
time.
• ADC data: These locations represent the analog voltage at VIN pin at row[3:0] time, from 0
(VIN = AGND) to 03FFH (VIN = VA33). ADC data are sampled with 10-bit precision and the
result is stored on 8 bits.
12.6
GPIO
P[3:1] are controlled by the ATSAM97xx config and control/status registers (refer to
prgdvkit.pdf).
P0 in normal mode is controlled by the ATSAM97xx config and control/status registers (refer to
prgdvkit.pdf).
The ATSAM2553 additional GPIO control/status register controls P0 normal and alternate
mode.
The GPIO register is located at address 0xF in the I/O mapping.
Data bit number
Write
Read
7x
x
6x
x
5x
x
4
P0 Alt
P0 Alt
3
x
DBCLK
2
DBDATA OUT
DBDATA IN
1
DBACK
DBACK status
0
DBDATA Output Enable
DBCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29