Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATSAM2553 Fiches technique(PDF) 22 Page - ATMEL Corporation

No de pièce ATSAM2553
Description  Sound Synthesis
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2553 Fiches technique(HTML) 22 Page - ATMEL Corporation

Back Button ATSAM2553 Datasheet HTML 18Page - ATMEL Corporation ATSAM2553 Datasheet HTML 19Page - ATMEL Corporation ATSAM2553 Datasheet HTML 20Page - ATMEL Corporation ATSAM2553 Datasheet HTML 21Page - ATMEL Corporation ATSAM2553 Datasheet HTML 22Page - ATMEL Corporation ATSAM2553 Datasheet HTML 23Page - ATMEL Corporation ATSAM2553 Datasheet HTML 24Page - ATMEL Corporation ATSAM2553 Datasheet HTML 25Page - ATMEL Corporation ATSAM2553 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
22
6399A–DRMSD–13-Oct-08
ATSAM2553
12. Overview of Operations
Note: the reader should be familiar with the ATSAM97xx series operation. Refer to the
ATSAM9707 product development kit “prgdvkit.pdf” document.
This chapter describes operations and registers specific to the ATSAM2553.
12.1
Memory Mapping
12.2
I/O Mapping
12.3
LCD Interface
The ATSAM2553 can be directly connected to most LCD displays.
The ATSAM2553 provides an 8-bit data bus, DB0-DB7 and 3 output control pins RS, RW, ENB.
All the LCD pins are controlled by I/O Access ADD 0AH. The IO reads only the 8-bit data bus.
The IO writes into the 11-bit LCD_Reg:
Size
(in word)
Address
Low
Address
High
Access
256
000:0000
000:00FF
ATSAM97xx standard routine ROM
768
000:0100
000:03FF
Built in debug ROM
32M - 1K
000:0400
1FF:FFFF
External ROM/Flash (WCS0/)
32K
200:0000
200:7FFF
Built in SRAM
4K
200:8000
200:8FFF
External memory page XIO (XIO/)
4K
200:9000
200:9FFF
Not used
216K
200:A000
203:FFFF
Not used
32M - 256K
204:0000
3FF:FFFF
External SRAM (WCS1)
Write
Read
0-9
0-9
Standard ATSAM97xx I/O (Refer to prgdvkit.pdf)
0A
0A
LCD port
0B
X
Keyboard config
0C - 0E
0C - 0E
Scanning port ADD0-2
0F
0F
GPIO Control/Status
LCD_Reg[7:0]
DB[7:0]
LCD_Reg[8]
RS
LCD_Reg[9]
RW
LCD_Reg[10]
ENB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29