Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATSAM2553 Fiches technique(PDF) 23 Page - ATMEL Corporation

No de pièce ATSAM2553
Description  Sound Synthesis
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2553 Fiches technique(HTML) 23 Page - ATMEL Corporation

Back Button ATSAM2553 Datasheet HTML 19Page - ATMEL Corporation ATSAM2553 Datasheet HTML 20Page - ATMEL Corporation ATSAM2553 Datasheet HTML 21Page - ATMEL Corporation ATSAM2553 Datasheet HTML 22Page - ATMEL Corporation ATSAM2553 Datasheet HTML 23Page - ATMEL Corporation ATSAM2553 Datasheet HTML 24Page - ATMEL Corporation ATSAM2553 Datasheet HTML 25Page - ATMEL Corporation ATSAM2553 Datasheet HTML 26Page - ATMEL Corporation ATSAM2553 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23
6399A–DRMSD–13-Oct-08
ATSAM2553
12.4
Keyboard Configuration Register
The configuration register allows dealing with a variety of keyboards. This write only 6-bit regis-
ter is mapped at the address OBH in the I/O space.
The default configuration (power-up) is common anode (Reg[1]=0) and rubber contact
(Reg[0]=0) which corresponds to most popular keyboards.
Reg[3:2] = Scanning clock divider. (Default 00).
Reg[5:4] = Scanning matrix. (Default 00).
IO Access
IO Data
LCD_Reg[10]
DB[7:0]
RW
Comments
Write
IOD[10:0]
(IOD[9]=0)
IOD[10:0]
LCD_Reg[9]=0
IOD[7:0]
output
0
Set LCD in write mode
Write
IOD[10:0]
(IOD[9]=1)
IOD[10:0]
LCD_Reg[9]=1
LCD_D[7:0]
input
1
Set LCD in read mode
Read
xx
LCD_Reg[9]=0
LCD_Reg[7:0]
output
0
Invalid read from LCD in write mode
Read
xxx, LCD_D[7:0]
LCD_Reg[9]=1
LCD_D[7:0]
input
1
Read from LCD
Reg[0] = contact type
0 for rubber type contact
1 for spring type contact
Reg[1] = diode wiring
0 for common anode wiring
1 for common cathode wiring
Reg[3:2]}
Divide Factor
00
1
01
2
10
4
11
Not Used
Reg[5:4]}
Scanning Matrix
00
Row[2:0]
01
Row[3:0]
10
Row[4:0]
11
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29