| Moteur de recherche de fiches techniques de composants électroniques |
|
CMS3216LAH Fiches technique(PDF) 23 Page - FIDELIX |
|
|
|||||||||||||||||||||||||||||
CMS3216LAH Fiches technique(HTML) 23 Page - FIDELIX |
|
23 / 46 page ![]() Rev0.2, Jan. 2007 CMS3216LAx-75xx was active on the clock just prior to the WRITE command that truncated the READ command. The DQM signal must be as- serted prior to the WRITE command (DQM latency is zero clocks for input buffers) to ensure that the written data is not masked. Figure 6. shows the case where the clock frequency allows for bus contention to be avoided without adding a NOP cycle, and Figure 7. shows the case where the additional NOP is needed. Figure 6. Read to Write T0 T1 T2 CAS Latency=3 T3 T4 CLK Command Address Dout n Din b Read NOP NOP NOP Write Bank Col n DQ Bank Col b DQM tHZ tDS tCK |