| Moteur de recherche de fiches techniques de composants électroniques |
|
CMS3216LAH Fiches technique(PDF) 22 Page - FIDELIX |
|
|
|||||||||||||||||||||||||||||
CMS3216LAH Fiches technique(HTML) 22 Page - FIDELIX |
|
22 / 46 page ![]() Rev0.2, Jan. 2007 CMS3216LAx-75xx A Read Burst can be terminated by a subsequent Write com- mand, and data from a fixed length READ burst may be immediately followed by data from a WRITE command (subject to bus turnaround limitations). The WRITE burst may be initiated on the clock edge immediately following the last (or last desired) data element from the READ burst, provided that I/O contention can be avoided. In a given system design, there may be a possibility that the device driving the input data will go Low-Z before the SDRAM DQs go High-Z. In this case, at least a single-cycle delay should occur between the last read data and the WRITE command. The DQM input is used to avoid I/O contention, as shown in Figure 6. and Figure 7. . The DQM signal must be asserted (HIGH) at least two clocks prior to the WRITE command (DQM latency is two clocks for output buffers) to suppress data-out from the READ. Once the WRITE comma- nd is registered, the DQs will go High-Z (or remain High-Z), regardless of the state of the DQM signal, provided the DQM Figure 5. Random Read Accesses for CAS Latency =1,2,3 T0 T1 T2 CAS Latency=2 T3 T4 T5 CLK Command Address Dout n Dout a Dout x Dout m Read Read Read Read NOP NOP Bank Col n DQ T0 T1 T2 CAS Latency=3 T3 T4 T5 CLK Command Address Dout n Dout a Dout x Dout m Read Read Read Read NOP NOP Bank Col n DQ T6 NOP Bank Col a Bank Col x Bank Col m Bank Col a Bank Col x Bank Col m |