| Moteur de recherche de fiches techniques de composants électroniques |
|
CMS3216LAH Fiches technique(PDF) 34 Page - FIDELIX |
|
|
|||||||||||||||||||||||||||||
CMS3216LAH Fiches technique(HTML) 34 Page - FIDELIX |
|
34 / 46 page ![]() Rev0.2, Jan. 2007 CMS3216LAx-75xx Figure 19. Write to Precharge Fixed-length or full-page WRITE bursts can be truncated with the BURST TERMINATE command. When truncating a WRITE burst, the input data applied coincident with the BURST TERMINATE command will be ignored. The last data written (provided that DQM is LOW at that time) will be the input data applied one clock previous to the BURST TERMINATE T0 T1 T2 T3 T4 T5 Write NOP Precharge NOP Active Bank Col n T6 NOP Din n Din n+1 Bank (a or all) Bank a Row tRP tWR tWR @tCK >=15ns tWR @tCK <=15ns Write NOP NOP Precharge NOP NOP Bank Col n Active Din n Din n+1 Bank (a or all) Bank a Row tRP tWR CLK Command Address DQ DQM Command Address DQ DQM Figure 20. Terminating a Write Burst T0 T1 T2 CLK Command Address Write Burst Terminate Next Command Bank Col n DQ Din n (Address) (Data) NOP |