Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS42324 Fiches technique(PDF) 32 Page - Cirrus Logic

No de pièce CS42324
Description  10-In, 6-Out, 2 Vrms Audio CODEC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42324 Fiches technique(HTML) 32 Page - Cirrus Logic

Back Button CS42324 Datasheet HTML 28Page - Cirrus Logic CS42324 Datasheet HTML 29Page - Cirrus Logic CS42324 Datasheet HTML 30Page - Cirrus Logic CS42324 Datasheet HTML 31Page - Cirrus Logic CS42324 Datasheet HTML 32Page - Cirrus Logic CS42324 Datasheet HTML 33Page - Cirrus Logic CS42324 Datasheet HTML 34Page - Cirrus Logic CS42324 Datasheet HTML 35Page - Cirrus Logic CS42324 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 71 page
background image
32
DS721A6
CS42324
4.2.5
Digital Interface Formats
Each converter (ADC, DAC1, and DAC2) has independent selection for serial formats (I²S, Left-Justified,
etc.). Data is clocked out of the ADC or into the DAC on the rising edge of SCLK. Figures 13-17 illustrate
the general structure of each format. Refer to “Switching Characteristics - Serial Audio” on page 22 or
“Switching Characteristics - Serial Audio (Cont.)” on page 23 for exact timing relationship between clocks
and data. For a complete overview of Serial Audio Interface Formats, please reference Application Note
AN282.
4.2.6
Synchronization of Multiple Devices
In systems where multiple ADCs and DACs are required, care must be taken to achieve simultaneous
sampling. To ensure synchronous sampling, the master clocks and left/right clocks must be the same for
all of the CS42324’s in the system. If only one master clock source is needed, one solution is to place one
CS42324 in Master Mode, and slave all of the other devices to the one master.
DIF (Pin 5) Setting
Selection
LO
Left-Justified Interface
HI
I²S Interface
Table 8. Hardware Mode Interface Format Control
LRCKx
SCLKx
MS B
LS B
MS B
LS B
AOUTxA
L eft C han n el
Rig ht C h an nel
SDOUT
SDIN1/2
AOUTxB
MSB
AINxA
AINxB
Figure 13. Left-Justified up to 24-Bit Data
LRCKx
SCLKx
MS B
LS B
MS B
LS B
AOUTxA
L eft C han n el
Rig ht C h an nel
SDOUT
SDIN1/2
AOUTxB
MSB
AINxA
AINxB
Figure 14. I²S up to 24-Bit Data
LRCKx
SCLKx
MS B
LS B
MS B
LS B
AOUTxA
Le ft C h a nne l
R i g h t C h a n n e l
SDOUT
SDIN1/2
AOUTxB
AINxA
AINxB
Figure 15. Right-Justified 16-Bit Data, Right-Justified 24-Bit Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71