Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5510 Fiches technique(PDF) 13 Page - Freescale Semiconductor, Inc

No de pièce MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Fiches technique(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
Pin Assignments and Reset States
MPC5510 Microcontroller Family Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
13
PH6
118
PH6
AN21
TXD_F
GPIO
eQADC Analog Input7
SCI_F Transmit
I/O
I
O
VDDE2
A + SH
—
—
18
23
J2
PH7
119
PH7
AN20
RXD_F
GPIO
eQADC Analog Input7
SCI_F Receive
I/O
I
I
VDDE2
A + SH
—
—
17
22
J1
PH8
120
PH8
AN19
CNTX_E
MA0
GPIO
eQADC Analog Input7
CAN_E Transmit
eQADC External Mux Address
I/O
I
O
O
VDDE2
A + SH
—
—
14
17
H1
PH9
121
PH9
AN18/ANT
CNRX_E
GPIO
eQADC Analog Input7
CAN_E Receive
I/O
I
I
VDDE2
A + SH
—
—
13
14
G2
PH10
122
PH10
AN17/ANS
CNRX_F
GPIO
eQADC Analog Input7
CAN_F Receive
I/O
I
I
VDDE2
A + SH
—
—
12
12
F4
PH11
123
PH11
AN16/ANR
CNTX_F
GPIO
eQADC Analog Input7
CAN_F Transmit
I/O
I
O
VDDE2
A + SH
—
—
11
11
F3
PH12
124
PH12
PCS_D5
GPIO
DSPI_D Peripheral Chip Select
I/O
O
VDDE2
SH
—
—
—
—
F2
PH13
125
PH13
GPIO
I/O
VDDE2
SH
—
—
—
—
F1
PH14
126
PH14
WE2
GPIO
EBI Write Enable
I/O
O
VDDE2
MH
—
—
—
53
T5
PH15
127
PH15
WE3
GPIO
EBI Write Enable
I/O
O
VDDE2
MH
—
—
—
52
R5
Port J (16)
PJ0
128
PJ0
AD0
GPIO
EBI Muxed Address/Data
I/O
I/O
VDDE3
MH
—
—
—
—
N11
PJ1
129
PJ1
AD1
GPIO
EBI Muxed Address/Data
I/O
I/O
VDDE3
MH
—
—
—
—
P11
PJ2
130
PJ2
AD2
GPIO
EBI Muxed Address/Data
I/O
I/O
VDDE3
MH
—
—
—
—
N10
PJ3
131
PJ3
AD3
GPIO
EBI Muxed Address/Data
I/O
I/O
VDDE3
MH
—
—
—
—
R10
PJ4
132
PJ4
AD4
GPIO
EBI Muxed Address/Data
I/O
I/O
VDDE3
MH
—
—
—
75
P10
PJ5
133
PJ5
AD5
GPIO
EBI Muxed Address/Data
I/O
I/O
VDDE3
MH
—
—
—
73
T9
PJ6
134
PJ6
AD6
GPIO
EBI Muxed Address/Data
I/O
I/O
VDDE3
MH
—
—
—
69
P9
PJ7
135
PJ7
AD7
GPIO
EBI Muxed Address/Data
I/O
I/O
VDDE3
MH
—
—
—
67
R8
Table 1. MPC5510 Signal Properties (continued)
Pin
Name
GPIO
(PCR)
Num1
Supported
Functions2
Description
I/O
Type
Voltage3
Pad4
Type
Status
During
Reset5
Status
After
Reset5
Package Pin
Locations
144 176 208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54