| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5510 Fiches technique(PDF) 7 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5510 Fiches technique(HTML) 7 Page - Freescale Semiconductor, Inc |
|
7 / 54 page ![]() Pin Assignments and Reset States MPC5510 Microcontroller Family Data Sheet, Rev. 2 Preliminary—Subject to Change Without Notice Freescale Semiconductor 7 PC10 42 PC10 eMIOS10 PCS_C5 SCK_D GPIO eMIOS Channel DSPI_C Peripheral Chip Select DSPI_D Clock I/O I/O O I/O VDDE1 SH — — 110 134 A14 PC11 43 PC11 eMIOS11 PCS_C4 SOUT_D GPIO eMIOS Channel DSPI_C Peripheral Chip Select DSPI_D Serial Out I/O I/O O O VDDE1 SH — — 109 133 B14 PC12 44 PC12 eMIOS12 PSC_C3 SIN_D GPIO eMIOS Channel DSPI_C Peripheral Chip Select DSPI_D Serial In I/O I/O O I VDDE1 SH — — 108 132 B16 PC13 45 PC13 eMIOS13 PCS_A5 PCS_D0 GPIO eMIOS Channel DSPI_A Peripheral Chip Select DSPI_D Peripheral Chip Select I/O I/O O O VDDE1 SH — — 107 131 C15 PC14 46 PC14 eMIOS14 PCS_A4 PCS_D1 GPIO eMIOS Channel DSPI_A Peripheral Chip Select DSPI_D Peripheral Chip Select I/O I/O O O VDDE1 SH — — 106 130 C16 PC15 47 PC15 eMIOS15 PCS_A3 PCS_D2 GPIO eMIOS Channel DSPI_A Peripheral Chip Select DSPI_D Peripheral Chip Select I/O I/O O O VDDE1 SH — — 105 129 D14 Port D (16) PD0 48 PD0 CNTX_A PCS_D3 GPIO CAN_A Transmit DSPI_D Peripheral Chip Select I/O O O VDDE1 SH — — 104 128 D15 PD1 49 PD1 CNRX_A PCS_D4 GPIO CAN_A Receive DSPI_D Peripheral Chip Select I/O I O VDDE1 SH — — 103 127 D16 PD2 50 PD2 CNRX_B eMIOS10 BOOTCFG PCS_D5 GPIO CAN_B Receive eMIOS Channel Boot Configuration DSPI_D Peripheral Chip Select I/O I O I O VDDE1 SH BOOTCFG (Pulldown) GPI (Pulldown) 102 126 E14 PD3 51 PD3 CNTX_B eMIOS11 GPIO CAN_B Transmit eMIOS Channel I/O O O VDDE1 SH — — 101 125 E15 PD4 52 PD4 CNTX_C eMIOS12 GPIO CAN_C Transmit eMIOS Channel I/O O O VDDE1 SH — — 100 124 E16 PD5 53 PD5 CNRX_C eMIOS13 GPIO CAN_C Receive eMIOS Channel I/O I O VDDE1 SH — — 99 123 F13 Table 1. MPC5510 Signal Properties (continued) Pin Name GPIO (PCR) Num1 Supported Functions2 Description I/O Type Voltage3 Pad4 Type Status During Reset5 Status After Reset5 Package Pin Locations 144 176 208 |