Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5510 Fiches technique(PDF) 6 Page - Freescale Semiconductor, Inc

No de pièce MPC5510
Description  MPC5510 Microcontroller Family Data Sheet
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Fiches technique(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
MPC5510 Microcontroller Family Data Sheet, Rev. 2
Preliminary—Subject to Change Without Notice
Pin Assignments and Reset States
Freescale Semiconductor
6
PB12
28
PB12
TXD_G
PCS_B4
GPIO
SCI_G Transmit
DSPI_B Peripheral Chip Select
I/O
O
O
VDDE1
SH
—
—
—
164
A7
PB13
29
PB13
RXD_G
PCS_B3
GPIO
SCI_G Receive
DSPI_B Peripheral Chip Select
I/O
I
O
VDDE1
SH
—
—
—
163
B7
PB14
30
PB14
TXD_H
GPIO
SCI_H Transmit
I/O
O
VDDE1
SH
—
—
—
148
C10
PB15
31
PB15
RXD_H
GPIO
SCI_H Receive
I/O
I
VDDE1
SH
—
—
—
147
A11
Port C (16)
PC0
32
PC0
eMIOS0
FR_A_TX_EN
AD24
GPIO
eMIOS Channel
FlexRay Channel A Transmit Enable
EBI Muxed Address/Data
I/O
I/O
O
I/O
VDDE1
MH
—
—
122
146
B11
PC1
33
PC1
eMIOS1
FR_A_TX
AD16
GPIO
eMIOS Channel
FlexRay Channel A Transmit
EBI Muxed Address/Data
I/O
I/O
O
I/O
VDDE1
MH
—
—
121
145
C11
PC2
34
PC2
eMIOS2
FR_A_RX
TS
GPIO
eMIOS Channel
FlexRay Channel A Receive
EBI Transfer Start
I/O
I/O
I
I/O
VDDE1
MH
—
—
120
144
D11
PC3
35
PC3
eMIOS3
FR_DBG0
GPIO
eMIOS Channel
FlexRay Debug
I/O
I/O
O
VDDE1
MH
—
—
117
141
A12
PC4
36
PC4
eMIOS4
FR_DBG1
GPIO
eMIOS Channel
FlexRay Debug
I/O
I/O
O
VDDE1
SH
—
—
116
140
B12
PC5
37
PC5
eMIOS5
FR_DBG2
GPIO
eMIOS Channel
FlexRay Debug
I/O
I/O
O
VDDE1
SH
—
—
115
139
C12
PC6
38
PC6
eMIOS6
FR_DBG3
GPIO
eMIOS Channel
FlexRay Debug
I/O
I/O
O
VDDE1
SH
—
—
114
138
D12
PC7
39
PC7
eMIOS7
FR_B_RX
GPIO
eMIOS Channel
FlexRay Channel B Receive
I/O
I/O
I
VDDE1
SH
—
—
113
137
A13
PC8
40
PC8
eMIOS8
FR_B_TX
AD15
GPIO
eMIOS Channel
FlexRay Channel B Transmit
EBI Muxed Address/Data
I/O
I/O
O
I/O
VDDE1
MH
—
—
112
136
B13
PC9
41
PC9
eMIOS9
FR_B_TX_EN
AD14
GPIO
eMIOS Channel
FlexRay Channel B Transmit Enable
EBI Muxed Address/Data
I/O
I/O
O
I/O
VDDE1
MH
—
—
111
135
C13
Table 1. MPC5510 Signal Properties (continued)
Pin
Name
GPIO
(PCR)
Num1
Supported
Functions2
Description
I/O
Type
Voltage3
Pad4
Type
Status
During
Reset5
Status
After
Reset5
Package Pin
Locations
144 176 208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54