| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA1175 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA1175 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() TDA1175P LOW-NOISE VERTICAL DEFLECTION SYSTEM August 1995 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 RAMP GENERATOR COMPENSATION AMP. INPUT GROUND GROUND OSCILLATOR SYNC. INPUT HEIGHT ADJUSTMENT RAMP OUTPUT SUPPLY VOLTAGE FLYBACK GROUND GROUND POWER AMPLIFIER OUTPUT POWER AMPLIFIER SUPPLY VOLTAGE REGULATED VOLTAGE PIN CONNECTIONS POWERDIP16 (Plastic Package) ORDER CODE : TDA1175P . COMPLETE VERTICAL DEFLECTION SYSTEM . LOW NOISE . SUITABLE FOR HIGH DEFINITION MONITORS . ESD PROTECTED DESCRIPTION The TDA1175P is a monolithic integrated circuit in POWERDIP16 plastic package. It is intended for use in black and white and colour TV receivers. Low-noise makes this device particularly suitable for use in monitors. The functions incorporated are : synchronization circuit, oscillator and ramp generator, high power gain amplifier, flyback generator, voltage regulator. 1/8 |
Numéro de pièce similaire - TDA1175 |
|
Description similaire - TDA1175 |