Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1175 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce TDA1175
Description  LOW-NOISE VERTICAL DEFLECTION SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1175 Fiches technique(HTML) 8 Page - STMicroelectronics

  TDA1175 Datasheet HTML 1Page - STMicroelectronics TDA1175 Datasheet HTML 2Page - STMicroelectronics TDA1175 Datasheet HTML 3Page - STMicroelectronics TDA1175 Datasheet HTML 4Page - STMicroelectronics TDA1175 Datasheet HTML 5Page - STMicroelectronics TDA1175 Datasheet HTML 6Page - STMicroelectronics TDA1175 Datasheet HTML 7Page - STMicroelectronics TDA1175 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
16
18
B
e
D
b
Z
e3
b1
E
9
PACKAGE MECHANICAL DATA
16 PINS - PLASTIC POWERDIP
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility
for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result
from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics.
Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life
support devices or systems without express written approval of SGS-THOMSON Microelectronics.
© 1995 SGS-THOMSON Microelectronics - All Rights Reserved
Purchase of I
2C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips
I
2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to
the I
2C Standard Specifications as defined by Philips.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
0.85
1.4
0.033
0.055
b
0.5
0.020
b1
0.38
0.5
0.015
0.020
D
20
0.787
E
8.8
0.346
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
i
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
TDA1175P
8/8



Html Pages

1 2 3 4 5 6 7 8