Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA1175 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce TDA1175
Description  LOW-NOISE VERTICAL DEFLECTION SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1175 Fiches technique(HTML) 7 Page - STMicroelectronics

  TDA1175 Datasheet HTML 1Page - STMicroelectronics TDA1175 Datasheet HTML 2Page - STMicroelectronics TDA1175 Datasheet HTML 3Page - STMicroelectronics TDA1175 Datasheet HTML 4Page - STMicroelectronics TDA1175 Datasheet HTML 5Page - STMicroelectronics TDA1175 Datasheet HTML 6Page - STMicroelectronics TDA1175 Datasheet HTML 7Page - STMicroelectronics TDA1175 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Figure 7 : Maximum Power Dissipation and
Junction-ambient Thermal
Resistance versus ”I”
Figure 8 : Maximum Allowable Power Dissipation
versus Ambient Temperature
The Rth (j-a) can be reduced by soldering the GND
pins to a suitable copper area of the printed circuit
board (Figure 5) or to an external heatsink (Fig-
ure 6).
The diagram of Figure 7 shows the maximum
dissipable power Ptot and the Rth (j-a) as a function
of the side ”I” of two equal square copper areas
having a thicknessof 35
µ (1.4 mils).
During soldering the pins temperature must not
exceed 260
°C and the soldering time must not be
longer than 12 seconds.
The external heatsink or printed circuit copper area
must be connected to electrical ground.
MOUNTING INSTRUCTION
Figure 5 : Example of P.C. Board Copper Area
Figure 6 : External Heatsink Mounting Example
TDA1175P
7/8



Html Pages

1 2 3 4 5 6 7 8