Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 651 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 651 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 647Page - Renesas Technology Corp H8/3028F Datasheet HTML 648Page - Renesas Technology Corp H8/3028F Datasheet HTML 649Page - Renesas Technology Corp H8/3028F Datasheet HTML 650Page - Renesas Technology Corp H8/3028F Datasheet HTML 651Page - Renesas Technology Corp H8/3028F Datasheet HTML 652Page - Renesas Technology Corp H8/3028F Datasheet HTML 653Page - Renesas Technology Corp H8/3028F Datasheet HTML 654Page - Renesas Technology Corp H8/3028F Datasheet HTML 655Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 651 / 923 page
background image
Rev. 2.00, 09/03, page 621 of 890
Period during which flash memory access is prohibited
(x: Wait time after setting SWE bit, y: Wait time after clearing SWE bit)*
3
Period during which flash memory can be programmed
(Execution of program in flash memory prohibited, and data reads other than verify operations prohibited)
φ
VCC
FWE
tOSC1
Min 0
µs
tMDS
tMDS
tMDS
tRESW
MD2 to MD0
RES
SWE bit
Mode
change*
1
User
mode
Boot
mode
User program mode
SWE set
SWE
cleared
*2
Mode
change*
1
User
mode
User program
mode
Notes: 1. When entering boot mode or making a transition from boot mode to another mode, mode switching must be carried
out by means of
RES input. The state of ports with multiplexed address functions and bus control output pins
(
CSn, AS, RD, WR) will change during this switchover interval (the interval during which the RES pin input is low),
and therefore these pins should not be used as output signals during this time.
2. When making a transition from boot mode to another mode, the mode programming setup time t
MDS must be
satisfied with respect to
RES clearance timing.
3.
See section 21.2.6, Flash Memory Characteristics.
Figure 18.18 Mode Transition Timing
(Example: Boot Mode
→
→
→
→ User Mode ↔
↔
↔
↔ User Program Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More