| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3028F Fiches technique(PDF) 654 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Fiches technique(HTML) 654 Page - Renesas Technology Corp |
|
654 / 923 page ![]() Rev. 2.00, 09/03, page 624 of 890 18.14 Notes on Switching from F-ZTAT Version to Mask ROM Version When switching from the F-ZTAT version to the mask ROM version of the H8/3028 Group, care must be exercised when using software designed for the F-ZTAT version. When accessing the flash ROM internal registers of the F-ZTAT version and mask ROM version, the read values differ as shown below. Status Register Bit Value F-ZTAT version Mask ROM version FLMCR FWE 0 Application status — (Not readable) 1 Overwritable Application status (always read as 1) |