Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3028F Fiches technique(PDF) 647 Page - Renesas Technology Corp

No de pièce H8/3028F
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Fiches technique(HTML) 647 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 643Page - Renesas Technology Corp H8/3028F Datasheet HTML 644Page - Renesas Technology Corp H8/3028F Datasheet HTML 645Page - Renesas Technology Corp H8/3028F Datasheet HTML 646Page - Renesas Technology Corp H8/3028F Datasheet HTML 647Page - Renesas Technology Corp H8/3028F Datasheet HTML 648Page - Renesas Technology Corp H8/3028F Datasheet HTML 649Page - Renesas Technology Corp H8/3028F Datasheet HTML 650Page - Renesas Technology Corp H8/3028F Datasheet HTML 651Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 647 / 923 page
background image
Rev. 2.00, 09/03, page 617 of 890
• Apply FWE when the VCC voltage has stabilized within its rated voltage range.
If FWE is applied when the MCU’s VCC power supply is not within its rated voltage range,
MCU operation will be unstable and flash memory may be erroneously programmed or
erased.
• Apply FWE when oscillation has stabilized (after the elapse of the oscillation settling
time).
When VCC power is turned on, hold the RES pin low for the duration of the oscillation
settling time before applying FWE. Do not apply FWE when oscillation has stopped or is
unstable.
• In boot mode, apply and disconnect FWE during a reset.
In a transition to boot mode, FWE = 1 input and MD2–MD0 setting should be performed
while the
RES input is low. FWE and MD
2–MD0 pin input must satisfy the mode
programming setup time (tMDS) with respect to the reset release timing. When making a
transition from boot mode to another mode, also, a mode programming setup time is
necessary with respect to the reset release timing.
In a reset during operation, the
RES pin must be held low for a minimum of 20 system
clock cycles.
• In user program mode, FWE can be switched between high and low level regardless of
RES input.
FWE input can also be switched during execution of a program in flash memory.
• Do not apply FWE if program runaway has occurred.
During FWE application, the program execution state must be monitored using the
watchdog timer or some other means.
• Disconnect FWE only when the SWE, ESU, PSU, EV, PV, E, and P bits in FLMCR1 are
cleared.
Make sure that the SWE, ESU, PSU, EV, PV, E, and P bits are not set by mistake when
applying or disconnecting FWE.
4. Do not apply a constant high level to the FWE pin.
T prevent erroneous programming or erasing due to program runaway, etc., apply a high level
to the FWE pin only when programming or erasing flash memory (including execution of flash
memory emulation using RAM). A system configuration in which a high level is constantly
applied to the FWE pin should be avoided. Also, while a high level is applied to the FWE pin,
the watchdog timer should be activated to prevent overprogramming or overerasing due to
program runaway, etc.
5. Use the recommended algorithm when programming and erasing flash memory.
The recommended algorithm enables programming and erasing to be carried out without
subjecting the device to voltage stress or sacrificing program data reliability. When setting the
PSU or ESU bit in FLMCR1, the watchdog timer should be set beforehand as a precaution
against program runaway, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More