| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3028F Fiches technique(PDF) 653 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F Fiches technique(HTML) 653 Page - Renesas Technology Corp |
|
653 / 923 page ![]() Rev. 2.00, 09/03, page 623 of 890 18.13 Notes on Ordering Mask ROM Version When ordering the mask ROM version of the H8/3028 Group, note the following. 1. When ordering using an EPROM, use a 512-kbyte EPROM. 2. Fill the address area shown in figure 18.20 below with H'FF as shown to make the ROM data size 512 kbytes. This applies both to ordering using an EPROM and to ordering using electrical data transfer. HD6433028 (ROM: 384-kbyte version) Address: H'00000–H'7FFFF Not used * H'00000 H'5FFFF H'40000 H'7FFFF Note: * Write H'FF to all addresses in these areas. Figure 18.20 ROM Addresses and Data 3. The flash memory control registers (RAMCR, FLMCR1, FLMCR2, EBR1, EBR2) are not provided in the mask ROM version. Reading these addresses always returns a value of 1, and it is not possible to write to them. This must be borne in mind when switching from the flash memory version to the mask ROM version. |