| Moteur de recherche de fiches techniques de composants électroniques |
|
7733 Fiches technique(PDF) 505 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 Fiches technique(HTML) 505 Page - Renesas Technology Corp |
|
505 / 940 page ![]() 7733 Group User’s Manual LOW VOLTAGE VERSION 18–39 Fig. 18.6.8 Timing diagram on maximum model A1 to A7 qAt writing E A8/D8 to A15/D15 A16/D0, D1 to D7 A D 215 (min.) 90 (max.) 62 (min.) AC32 (tPHL) tsu(D) ≥ 40 (Unit : ns) W AC32 (tPLH) A8/D8 to A15/D15 A16/D0 External memory data output A D qAt reading E 215 (min.) 62 (min.) 10 (max.) 95 (min.) ta(AD), ta(CE) tsu(P1D/P2D-E) ≥ 80 OE AC32 (tPLH) A1 to A7 A CE, S1 ta(OE) AC573 (tPHL) CE AC32 (tPHL) ROM : 25 (max.) RAM : 35 (max.) 82 (min.) ta(S1) AC04 (tPHL) S1 S1 AC573 (tPHL) + AC04 (tPHL) 18.6 Applications A A A A A |