| Moteur de recherche de fiches techniques de composants électroniques |
|
7733 Fiches technique(PDF) 501 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 Fiches technique(HTML) 501 Page - Renesas Technology Corp |
|
501 / 940 page ![]() 7733 Group User’s Manual LOW VOLTAGE VERSION 18–35 Fig. 18.6.4 Timing diagram on minimum model D0 to D7 External memory data output A A D S, OE qAt reading 215 (min.) 62 (min.) 10 (max.) 95 (min.) tsu(P2D-E) ≥ 80 ROM : 25 (max.) RAM : 30 (max.) E AC32 (tPLH) AC32 (tPHL) ta(S), ta(OE) E A1 to A14 AA qAt writing D0 to D7 AA S, W D 215 (min.) tsu(D) ≥ 40 (Unit : ns) AC32 (tPHL) AC32 (tPLH) 90 (max.) 82 (min.) A1 to A14 A ta(AD) ta(CE) AC04 (tPHL) CE 62 (min.) A 18.6 Applications |