| Moteur de recherche de fiches techniques de composants électroniques |
|
7733 Fiches technique(PDF) 55 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 Fiches technique(HTML) 55 Page - Renesas Technology Corp |
|
55 / 940 page ![]() CENTRAL PROCESSING UNIT (CPU) 7733 Group User’s Manual 2–16 2.3 Accessible area Figure 2.3.1 shows the M37733MHBXXXFP’s accessible area. Although the program counter (PC) consists of 16 bits, it can access the 16-Mbyte area at addresses 016 to FFFFFF16, combined with the program bank register (PG). For details about access to the external, refer to chapter “12. CONNECTING EXTERNAL DEVICES.” The memories and I/O units are allocated in the same accessible area. Therefore, operations such as data transfer, arithmetic, and others can be performed with the same instructions. (It is not necessary to distinguish the memories and I/O units.) Fig. 2.3.1 M37733MHBXXXFP’s accessible area 00000016 00008016 00FFFF16 01000016 FE000016 FF000016 FFFFFF16 00100016 02000016 000FFF16 00007F16 • SFR : Special Function Register represents the memory allocation of internal areas. indicates that nothing is allocated. Note: Memory allocation of the internal area in bank 016 depends on the microcomputer’s type and settings of the memory allocation selection bits. The above diagram shows the M37733MHBXXXFP’s accessible area immediately after reset. For the other microcomputers of the 7733 Group, refer to section “Appendix 1. Memory allocation of 7733 Group.” For settings of the memory allocation selection bits, refer to section “2.4 Memory allocation .” SFR area Internal RAM area Bank 016 Internal ROM area Bank 116 Bank FF16 Bank FE16 01FFFF16 2.3 Accessible area |