| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 307 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 307 Page - Renesas Technology Corp |
|
307 / 715 page ![]() 10.1.3 Input/Output Pins Table 10-2 summarizes the ITU pins. Table 10-2 ITU Pins Abbre- Input/ Channel Name viation Output Function Common Clock input A TCLKA Input External clock A input pin (phase-A input pin in phase counting mode) Clock input B TCLKB Input External clock B input pin (phase-B input pin in phase counting mode) Clock input C TCLKC Input External clock C input pin Clock input D TCLKD Input External clock D input pin 0 Input capture/output TIOCA0 Input/ GRA0 output compare or input capture pin compare A0 output PWM output pin in PWM mode Input capture/output TIOCB0 Input/ GRB0 output compare or input capture pin compare B0 output 1 Input capture/output TIOCA1 Input/ GRA1 output compare or input capture pin compare A1 output PWM output pin in PWM mode Input capture/output TIOCB1 Input/ GRB1 output compare or input capture pin compare B1 output 2 Input capture/output TIOCA2 Input/ GRA2 output compare or input capture pin compare A2 output PWM output pin in PWM mode Input capture/output TIOCB2 Input/ GRB2 output compare or input capture pin compare B2 output 3 Input capture/output TIOCA3 Input/ GRA3 output compare or input capture pin compare A3 output PWM output pin in PWM mode, comple- mentary PWM mode, or reset-synchronized PWM mode Input capture/output TIOCB3 Input/ GRB3 output compare or input capture pin compare B3 output PWM output pin in complementary PWM mode or reset-synchronized PWM mode 4 Input capture/output TIOCA4 Input/ GRA4 output compare or input capture pin compare A4 output PWM output pin in PWM mode, comple- mentary PWM mode, or reset-synchronized PWM mode Input capture/output TIOCB4 Input/ GRB4 output compare or input capture pin compare B4 output PWM output pin in complementary PWM mode or reset-synchronized PWM mode Output compare XA4 TOCXA4 Output PWM output pin in complementary PWM mode or reset-synchronized PWM mode Output compare XB4 TOCXB4 Output PWM output pin in complementary PWM mode or reset-synchronized PWM mode 289 |