| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 298 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 298 Page - Renesas Technology Corp |
|
298 / 715 page ![]() Table 9-18 Port C Pin Functions (cont) Pin Pin Functions and Selection Method PC2/TEND2/CS4 DMAC channel 2 settings (bits DTS2/1/0A and DTS2/1/0B in DTCR2A and DTCR2B) and bit PC2DDR in PCDDR select the pin function as follows DMAC channel 2 settings 1 in table below 2 in table below PC2DDR — 0 1 Pin function TEND2 output PC2 input CS4 output DMAC channel 2 settings 21 2 121 DTS2A, DTS1A Not both 1 Both 1 DTS0A — 00111 DTS2B 01101011 DTS1B — 0 1 — — — 0 1 280 |