| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 290 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 290 Page - Renesas Technology Corp |
|
290 / 715 page ![]() Table 9-16 Port B Pin Functions (cont) Pin Pin Functions and Selection Method PB3/TP11/TIOCB4 ITU channel 4 settings (bit PWM4 in TMDR, bit CMD1 in TFCR, bit EB4 in TOER, and bits IOB2 to IOB0 in TIOR4), bit NDER11 in NDERB, and bit PB3DDR in PBDDR select the pin function as follows ITU channel 4 settings 1 in table below 2 in table below PB3DDR — 0 1 1 NDER11 — — 0 1 Pin function TIOCB4 output PB3 PB3 TP11 input output output TIOCB4 input* Note: * TIOCB4 input when CMD1 = PWM4 = 0 and IOB2 = 1. ITU channel 4 settings 2 212 1 EB4 0 1 CMD1 — 0 1 IOB2 — 0001 — IOB1 — 0 0 1 — — IOB0 — 0 1 — — — 272 |