| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 225 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 225 Page - Renesas Technology Corp |
|
225 / 715 page ![]() Figure 8-8 Operation in Normal Mode Transfers can be requested (activated) by an external request or auto-request. An auto-requested transfer is activated by the register settings alone. The designated number of transfers are executed automatically. Either cycle-steal or burst mode can be selected. In cycle-steal mode the DMAC releases the bus temporarily after each transfer. In burst mode the DMAC keeps the bus until the transfers are completed, unless there is a bus request from a higher-priority bus master. For the detailed settings see section 8.3.4, Data Transfer Control Registers (DTCR). Address T Address B Transfer Legend L L N T B T B Address T Address B A B A A B B = initial setting of MARA = initial setting of MARB = initial setting of ETCRA = L = L + SAIDE • (–1) • (2 • N – 1) = L = L + DAIDE • (–1) • (2 • N – 1) A A B B DTSZ DTSZ A A B B SAID DAID 207 |