Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3003 Fiches technique(PDF) 190 Page - Renesas Technology Corp

No de pièce H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Fiches technique(HTML) 190 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 186Page - Renesas Technology Corp H8/3003 Datasheet HTML 187Page - Renesas Technology Corp H8/3003 Datasheet HTML 188Page - Renesas Technology Corp H8/3003 Datasheet HTML 189Page - Renesas Technology Corp H8/3003 Datasheet HTML 190Page - Renesas Technology Corp H8/3003 Datasheet HTML 191Page - Renesas Technology Corp H8/3003 Datasheet HTML 192Page - Renesas Technology Corp H8/3003 Datasheet HTML 193Page - Renesas Technology Corp H8/3003 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 715 page
background image
•
If a bus cycle is prolonged by insertion of wait states, the first refresh request is held, as in the
bus-released state.
•
If contention occurs between a transition to software standby mode and a bus request from an
external bus master, the bus may be released for one state just before the transition to software
standby mode (see figure 7-24). When using software standby mode, clear the BRLE bit to 0
in BRCR before executing the SLEEP instruction.
If similar contention occurs in a transition to self-refresh mode, strobe waveforms may not be
output correctly. This can also be prevented by clearing the BRLE bit to 0 in BRCR.
Figure 7-24 Contention between Bus-Released State and Software Standby Mode
ø
Address
Strobe
BREQ
BACK
Bus-released state
Software standby mode
172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More