Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3003 Fiches technique(PDF) 713 Page - Renesas Technology Corp

No de pièce H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Fiches technique(HTML) 713 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 707Page - Renesas Technology Corp H8/3003 Datasheet HTML 708Page - Renesas Technology Corp H8/3003 Datasheet HTML 709Page - Renesas Technology Corp H8/3003 Datasheet HTML 710Page - Renesas Technology Corp H8/3003 Datasheet HTML 711Page - Renesas Technology Corp H8/3003 Datasheet HTML 712Page - Renesas Technology Corp H8/3003 Datasheet HTML 713Page - Renesas Technology Corp H8/3003 Datasheet HTML 714Page - Renesas Technology Corp H8/3003 Datasheet HTML 715Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 713 / 715 page
background image
Reset in T3 State: Figure D-3 is a timing diagram for the case in which RES goes low during the
T3 state of an external memory access cycle. As soon as RES goes low, all ports are initialized to
the input state.
AS, RD, HWR, and LWR go high, and the data bus goes to the high-impedance
state. The address bus outputs are held during the T3 state.The same timing applies when a reset
occurs in the T2 state of an access cycle to a two-state-access area.
Figure D-3 Reset during Memory Access (Reset during T3 State)
ø
Address bus
CS
CS to CS
RD (read access)
HWR, LWR
Data bus
I/O port
0
71
RES
AS
High impedance
High impedance
High impedance
Internal
reset signal
Access to external address
T1
T2
T3
(write access)
(write access)
H'000000
695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More