Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3003 Fiches technique(PDF) 685 Page - Renesas Technology Corp

No de pièce H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Fiches technique(HTML) 685 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 681Page - Renesas Technology Corp H8/3003 Datasheet HTML 682Page - Renesas Technology Corp H8/3003 Datasheet HTML 683Page - Renesas Technology Corp H8/3003 Datasheet HTML 684Page - Renesas Technology Corp H8/3003 Datasheet HTML 685Page - Renesas Technology Corp H8/3003 Datasheet HTML 686Page - Renesas Technology Corp H8/3003 Datasheet HTML 687Page - Renesas Technology Corp H8/3003 Datasheet HTML 688Page - Renesas Technology Corp H8/3003 Datasheet HTML 689Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 685 / 715 page
background image
IPRA—Interrupt Priority Register A
H'F8
Interrupt controller
•
Interrupt sources controlled by each bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IPRA7
IPRA6
IPRA5
IPRA4
IPRA3
IPRA2
IPRA1
IPRA0
Interrupt
IRQ0
IRQ1
IRQ2,
IRQ4 to
WDT,
ITU
ITU
ITU
source
IRQ3
IRQ7
Refresh
chan-
chan-
chan-
Con-
nel 0
nel 1
nel 2
troller
IPRB—Interrupt Priority Register B
H'F9
Interrupt controller
•
Interrupt sources controlled by each bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IPRB7
IPRB6
IPRB5
IPRB4
IPRB3
IPRB2
IPRB1
—
Interrupt
ITU
ITU
DMAC
DMAC
SCI
SCI
A/D
—
source
chan-
chan-
group
group
chan-
chan-
con-
nel 3
nel 4
0
1
nel 0
nel 1
verter
Bit
Initial value
Read/Write
7
IPRA7
0
R/W
6
IPRA6
0
R/W
5
IPRA5
0
R/W
4
IPRA4
0
R/W
3
IPRA3
0
R/W
0
IPRA0
0
R/W
2
IPRA2
0
R/W
1
IPRA1
0
R/W
Priority level A7 to A0
0
Priority level 0 (low priority)
1
Priority level 1 (high priority)
Bit
Initial value
Read/Write
7
IPRB7
0
R/W
6
IPRB6
0
R/W
5
IPRB5
0
R/W
4
IPRB4
0
R/W
3
IPRB3
0
R/W
0
IPRB0
0
R/W
2
IPRB2
0
R/W
1
IPRB1
0
R/W
Priority level B7 to B0
0
Priority level 0 (low priority)
1
Priority level 1 (high priority)
Reserved bit
667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More