| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 673 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 673 Page - Renesas Technology Corp |
|
673 / 715 page ![]() PADR—Port A Data Register H'D3 Port A PBDDR—Port B Data Direction Register H'D4 Port B PCDDR—Port C Data Direction Register H'D5 Port C Bit Initial value Read/Write 0 PA 0 R/W 0 1 PA 0 R/W 1 2 PA 0 R/W 2 3 PA 0 R/W 3 4 PA 0 R/W 4 5 PA 0 R/W 5 6 PA 0 R/W 6 7 PA 0 R/W 7 Data for port A pins Bit Initial value Read/Write 7 PB DDR 0 W 7 6 PB DDR 0 W 6 5 PB DDR 0 W 5 4 PB DDR 0 W 4 3 PB DDR 0 W 3 2 PB DDR 0 W 2 1 PB DDR 0 W 1 0 PB DDR 0 W 0 Port B input/output select 0 Generic input 1 Generic output Bit Initial value Read/Write 7 PC DDR 0 W 7 6 PC DDR 0 W 6 5 PC DDR 0 W 5 4 PC DDR 0 W 4 3 PC DDR 0 W 3 2 PC DDR 0 W 2 1 PC DDR 0 W 1 0 PC DDR 0 W 0 Port C input/output select 0 1 Generic output Port C input/output select 0 Generic input 1 CS output Generic input 655 |