| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 651 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 651 Page - Renesas Technology Corp |
|
651 / 715 page ![]() TCNT4 H/L—Timer Counter 4 H/L H'96, H'97 ITU4 GRA4 H/L—General Register A4 H/L H'98, H'99 ITU4 GRB4 H/L—General Register B4 H/L H'9A, H'9B ITU4 BRA4 H/L—Buffer Register A4 H/L H'9C, H'9D ITU4 Bit Initial value Read/Write 14 0 R/W 12 0 R/W 10 0 R/W 8 0 R/W 6 0 R/W 0 0 R/W 4 0 R/W 2 0 R/W 15 0 R/W 13 0 R/W 11 0 R/W 9 0 R/W 7 0 R/W 1 0 R/W 5 0 R/W 3 0 R/W Note: Bit functions are the same as for ITU3. Bit Initial value Read/Write 14 1 R/W 12 1 R/W 10 1 R/W 8 1 R/W 6 1 R/W 0 1 R/W 4 1 R/W 2 1 R/W 15 1 R/W 13 1 R/W 11 1 R/W 9 1 R/W 7 1 R/W 1 1 R/W 5 1 R/W 3 1 R/W Note: Bit functions are the same as for ITU3. Bit Initial value Read/Write 14 1 R/W 12 1 R/W 10 1 R/W 8 1 R/W 6 1 R/W 0 1 R/W 4 1 R/W 2 1 R/W 15 1 R/W 13 1 R/W 11 1 R/W 9 1 R/W 7 1 R/W 1 1 R/W 5 1 R/W 3 1 R/W Note: Bit functions are the same as for ITU3. Bit Initial value Read/Write 14 1 R/W 12 1 R/W 10 1 R/W 8 1 R/W 6 1 R/W 0 1 R/W 4 1 R/W 2 1 R/W 15 1 R/W 13 1 R/W 11 1 R/W 9 1 R/W 7 1 R/W 1 1 R/W 5 1 R/W 3 1 R/W Note: Bit functions are the same as for ITU3. 633 |