| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 642 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 642 Page - Renesas Technology Corp |
|
642 / 715 page ![]() GRA1 H/L—General Register A1 H/L H'74, H'75 ITU1 GRB1 H/L—General Register B1 H/L H'76, H'77 ITU1 TCR2—Timer Control Register 2 H'78 ITU2 Bit Initial value Read/Write 14 1 R/W 12 1 R/W 10 1 R/W 8 1 R/W 6 1 R/W 0 1 R/W 4 1 R/W 2 1 R/W 15 1 R/W 13 1 R/W 11 1 R/W 9 1 R/W 7 1 R/W 1 1 R/W 5 1 R/W 3 1 R/W Note: Bit functions are the same as for ITU0. Bit Initial value Read/Write 14 1 R/W 12 1 R/W 10 1 R/W 8 1 R/W 6 1 R/W 0 1 R/W 4 1 R/W 2 1 R/W 15 1 R/W 13 1 R/W 11 1 R/W 9 1 R/W 7 1 R/W 1 1 R/W 5 1 R/W 3 1 R/W Note: Bit functions are the same as for ITU0. Bit Initial value Read/Write 7 — 1 — 6 CCLR1 0 R/W 5 CCLR0 0 R/W 4 CKEG1 0 R/W 3 CKEG0 0 R/W 0 TPSC0 0 R/W 2 TPSC2 0 R/W 1 TPSC1 0 R/W Notes: Bit functions are the same as for ITU0. When channel 2 is used in phase counting mode, the counter clock source selection by bits TPSC2 to TPSC0 is ignored. 1. 2. 624 |