| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 591 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 591 Page - Renesas Technology Corp |
|
591 / 715 page ![]() Table A-3 Number of Cycles per Instruction Instruction Branch Stack Byte Data Word Data Internal Fetch Addr. Read Operation Access Access Operation Instruction Mnemonic I J K L M N ADD ADD.B #xx:8, Rd 1 ADD.B Rs, Rd 1 ADD.W #xx:16, Rd 2 ADD.W Rs, Rd 1 ADD.L #xx:32, ERd 3 ADD.L ERs, ERd 1 ADDS ADDS #1/2/4, ERd 1 ADDX ADDX #xx:8, Rd 1 ADDX Rs, Rd 1 AND AND.B #xx:8, Rd 1 AND.B Rs, Rd 1 AND.W #xx:16, Rd 2 AND.W Rs, Rd 1 AND.L #xx:32, ERd 3 AND.L ERs, ERd 2 ANDC ANDC #xx:8, CCR 1 BAND BAND #xx:3, Rd 1 BAND #xx:3, @ERd 2 1 BAND #xx:3, @aa:8 2 1 Bcc BRA d:8 (BT d:8) 2 BRN d:8 (BF d:8) 2 BHI d:8 2 BLS d:8 2 BCC d:8 (BHS d:8) 2 BCS d:8 (BLO d:8) 2 BNE d:8 2 BEQ d:8 2 BVC d:8 2 BVS d:8 2 BPL d:8 2 BMI d:8 2 BGE d:8 2 BLT d:8 2 BGT d:8 2 BLE d:8 2 573 |