Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3003 Fiches technique(PDF) 442 Page - Renesas Technology Corp

No de pièce H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Fiches technique(HTML) 442 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 438Page - Renesas Technology Corp H8/3003 Datasheet HTML 439Page - Renesas Technology Corp H8/3003 Datasheet HTML 440Page - Renesas Technology Corp H8/3003 Datasheet HTML 441Page - Renesas Technology Corp H8/3003 Datasheet HTML 442Page - Renesas Technology Corp H8/3003 Datasheet HTML 443Page - Renesas Technology Corp H8/3003 Datasheet HTML 444Page - Renesas Technology Corp H8/3003 Datasheet HTML 445Page - Renesas Technology Corp H8/3003 Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 715 page
background image
•
Full duplex communication
The transmitting and receiving sections are independent, so the SCI can transmit and receive
simultaneously. The transmitting and receiving sections are both double-buffered, so serial
data can be transmitted and received continuously.
•
Built-in baud rate generator with selectable bit rates
•
Selectable transmit/receive clock sources: internal clock from baud rate generator, or external
clock from the SCK pin.
•
Four types of interrupts
Transmit-data-empty, transmit-end, receive-data-full, and receive-error interrupts are
requested independently. The transmit-data-empty and receive-data-full interrupts can activate
the DMA controller (DMAC) to transfer data.
424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More