| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 436 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 436 Page - Renesas Technology Corp |
|
436 / 715 page ![]() 12.3.2 Interval Timer Operation Figure 12-5 illustrates interval timer operation. To use the WDT as an interval timer, clear bit WT/ IT to 0 and set bit TME to 1 in TCSR. An interval timer interrupt request is generated at each TCNT overflow. This function can be used to generate interval timer interrupts at regular intervals. Figure 12-5 Interval Timer Operation TCNT count value Time t Interval timer interrupt Interval timer interrupt Interval timer interrupt Interval timer interrupt WT/ = 0 TME = 1 IT H'FF H'00 418 |