| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 363 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 363 Page - Renesas Technology Corp |
|
363 / 715 page ![]() Figure 10-36 shows examples of waveforms with 0% and 100% duty cycles (in one phase) in complementary PWM mode. In this example the outputs change at compare match with GRB3, so waveforms with duty cycles of 0% or 100% can be output by setting GRB3 to a value larger than GRA3. The duty cycle can be changed easily during operation by use of the buffer registers. For further information see section 10.4.8, Buffering. Figure 10-36 Operation in Complementary PWM Mode (When OLS3 = OLS4 = 1) (Example 2) TCNT3 and TCNT4 values Time GRA3 GRB3 TIOCA3 TIOCB3 0% duty cycle a. 0% duty cycle TCNT3 and TCNT4 values Time GRA3 GRB3 TIOCA3 TIOCB3 100% duty cycle b. 100% duty cycle H'0000 H'0000 345 |