| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 355 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 355 Page - Renesas Technology Corp |
|
355 / 715 page ![]() Figure 10-30 shows examples of the output of PWM waveforms with duty cycles of 0% and 100%. If the counter is cleared by compare match with GRB, and GRA is set to a higher value than GRB, the duty cycle is 0%. If the counter is cleared by compare match with GRA, and GRB is set to a higher value than GRA, the duty cycle is 100%. Figure 10-30 PWM Mode (Example 2) TCNT value Counter cleared by compare match with GRB Time GRB GRA TIOCA a. 0% duty cycle TCNT value Counter cleared by compare match with GRA Time GRA GRB TIOCA b. 100% duty cycle Write to GRA Write to GRA Write to GRB Write to GRB H'0000 H'0000 337 |