| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 195 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 195 Page - Renesas Technology Corp |
|
195 / 712 page ![]() 7. I/O Ports Rev.2.00 Mar. 22, 2007 Page 171 of 684 REJ09B0352-0200 Pin Pin Functions and Selection Method PA 5/TP5/ TIOCB 1/ A 22 The mode setting, bit A 22E in BRCR, ITU channel 1 settings (bit PWM1 in TMDR and bits IOB2 to IOB0 in TIOR1), bit NDER5 in NDERA, and bit PA 5DDR in PADDR select the pin function as follows Mode 1, 5 and 7 3 and 6 A 22E — 1 0 ITU channel 1 settings (1) in table below (2) in table below (1) in table below (2) in table below — PA5DDR — 0 1 1 — 0 1 1 — NDER5 — — 0 1 — — 0 1 — Pin function TIOCB 1 output PA 5 input PA 5 output TP 5 output TIOCB 1 output PA 5 input PA 5 output TP 5 output A 22 output TIOCB 1 input* TIOCB 1 input* Note: * TIOCB 1 input when IOB2 = 1 and PWM1 = 0. ITU channel 1 settings (2) (1) (2) IOB2 0 1 IOB1 0 0 1 — IOB0 0 1 — — |