| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 194 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 194 Page - Renesas Technology Corp |
|
194 / 712 page ![]() 7. I/O Ports Rev.2.00 Mar. 22, 2007 Page 170 of 684 REJ09B0352-0200 Pin Pin Functions and Selection Method PA 6/TP6/ TIOCA 2/ A 21 The mode setting, bit A 21E in BRCR, ITU channel 2 settings (bit PWM2 in TMDR and bits IOA2 to IOA0 in TIOR2), bit NDER6 in NDERA, and bit PA 6DDR in PADDR select the pin function as follows Mode 1, 5 and 7 3 and 6 A 21E — 1 0 ITU channel 2 settings (1)in table below (2) in table below (1) in table below (2) in table below — PA 6DDR — 0 1 1 — 0 1 1 — NDER6 — — 0 1 — — 0 1 — Pin function TIOCA 2 output PA 6 input PA 6 output TP 6 output TIOCA 2 output PA 6 input PA 6 output TP 6 output A 21 output TIOCA 2 input* TIOCA 2 input* Note: * TIOCA 2 input when IOA2 = 1. ITU channel 2 settings (2) (1) (2) (1) PWM2 0 1 IOA2 0 1 — IOA1 0 0 1 — — IOA0 0 1 — — — |