| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 428 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 428 Page - Renesas Technology Corp |
|
428 / 712 page ![]() 12. Smart Card Interface Rev.2.00 Mar. 22, 2007 Page 404 of 684 REJ09B0352-0200 12.3.3 Data Format Figure 12.3 shows the Smart Card interface data format. In reception in this mode, a parity check is carried out on each frame, and if an error is detected an error signal is sent back to the transmitting end, and retransmission of the data is requested. If an error signal is sampled during transmission, the same data is retransmitted. Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp When there is no parity error Transmitting station output Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp When a parity error occurs Transmitting station output DE Receiving station output : Start bit : Data bits : Parity bit : Error signal Legend Ds D0 to D7 Dp DE Figure 12.3 Smart Card Interface Data Format |