Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3021 Fiches technique(PDF) 425 Page - Renesas Technology Corp

No de pièce H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Fiches technique(HTML) 425 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 421Page - Renesas Technology Corp H8/3021 Datasheet HTML 422Page - Renesas Technology Corp H8/3021 Datasheet HTML 423Page - Renesas Technology Corp H8/3021 Datasheet HTML 424Page - Renesas Technology Corp H8/3021 Datasheet HTML 425Page - Renesas Technology Corp H8/3021 Datasheet HTML 426Page - Renesas Technology Corp H8/3021 Datasheet HTML 427Page - Renesas Technology Corp H8/3021 Datasheet HTML 428Page - Renesas Technology Corp H8/3021 Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 401 of 684
REJ09B0352-0200
Bits 3 to 0—Operate in the same way as for the normal SCI. For details, see section 11.2.7, Serial
Status Register (SSR).
However, the setting conditions for the TEND bit are as shown below.
Bit 2
TEND
Description
0
Transmission is in progress
[Clearing condition]
(Initial value)
When 0 is written to TDRE after reading TDRE = 1
1
End of transmission
[Setting conditions]
Upon reset and in standby mode
When the TE bit in SCR is 0 and the ERS bit is also 0
When TDRE = 1 and ERS = 0 (normal transmission) 2.5 etu after transmission of a 1-
byte serial character
Note:
etu: Elementary Time Unit (time for transfer of 1 bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More