| Moteur de recherche de fiches techniques de composants électroniques |
|
HD64F2149YV Fiches technique(PDF) 987 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV Fiches technique(HTML) 987 Page - Renesas Technology Corp |
|
987 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 959 of 1044 REJ09B0280-0300 P8DR—Port 8 Data Register H'FFBF Port 8 7 — 1 — 6 P86DR 0 R/W 5 P85DR 0 R/W 4 P84DR 0 R/W 3 P83DR 0 R/W 0 P80DR 0 R/W 2 P82DR 0 R/W 1 P81DR 0 R/W Bit Initial value Read/Write Output data for port 8 pins P9DDR—Port 9 Data Direction Register H'FFC0 Port 9 7 P97DDR 0 W 0 W 6 P96DDR 1 W 0 W 5 P95DDR 0 W 0 W 4 P94DDR 0 W 0 W 3 P93DDR 0 W 0 W 0 P90DDR 0 W 0 W 2 P92DDR 0 W 0 W 1 P91DDR 0 W 0 W Bit Mode 1 Initial value Read/Write Modes 2 and 3 Initial value Read/Write Specification of input or output for port 9 pins P9DR—Port 9 Data Register H'FFC1 Port 9 7 P97DR 0 R/W 6 P96DR —* R 5 P95DR 0 R/W 4 P94DR 0 R/W 3 P93DR 0 R/W 0 P90DR 0 R/W 2 P92DR 0 R/W 1 P91DR 0 R/W Bit Initial value Read/Write Note: * Determined by state of pin P96. Output data for port 9 pins |