| Moteur de recherche de fiches techniques de composants électroniques |
|
HD64F2149YV Fiches technique(PDF) 984 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV Fiches technique(HTML) 984 Page - Renesas Technology Corp |
|
984 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 956 of 1044 REJ09B0280-0300 P4DDR—Port 4 Data Direction Register H'FFB5 Port 4 7 P47DDR 0 W 6 P46DDR 0 W 5 P45DDR 0 W 4 P44DDR 0 W 3 P43DDR 0 W 0 P40DDR 0 W 2 P42DDR 0 W 1 P41DDR 0 W Bit Initial value Read/Write Specification of input or output for port 4 pins P3DR—Port 3 Data Register H'FFB6 Port 3 7 P37DR 0 R/W 6 P36DR 0 R/W 5 P35DR 0 R/W 4 P34DR 0 R/W 3 P33DR 0 R/W 0 P30DR 0 R/W 2 P32DR 0 R/W 1 P31DR 0 R/W Bit Initial value Read/Write Output data for port 3 pins P4DR—Port 4 Data Register H'FFB7 Port 4 7 P47DR 0 R/W 6 P46DR 0 R/W 5 P45DR 0 R/W 4 P44DR 0 R/W 3 P43DR 0 R/W 0 P40DR 0 R/W 2 P42DR 0 R/W 1 P41DR 0 R/W Bit Initial value Read/Write Output data for port 4 pins P5DDR—Port 5 Data Direction Register H'FFB8 Port 5 7 — 1 — 6 — 1 — 5 — 1 — 4 — 1 — 3 — 1 — 0 P50DDR 0 W 2 P52DDR 0 W 1 P51DDR 0 W Bit Initial value Read/Write Specification of input or output for port 5 pins |