| Moteur de recherche de fiches techniques de composants électroniques |
|
HD64F2149YV Fiches technique(PDF) 989 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV Fiches technique(HTML) 989 Page - Renesas Technology Corp |
|
989 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 961 of 1044 REJ09B0280-0300 STCR—Serial Timer Control Register H'FFC3 System 7 IICS 0 R/W 6 IICX1 0 R/W 5 IICX0 0 R/W 4 IICE 0 R/W 3 FLSHE 0 R/W 0 ICKS0 0 R/W 2 — 0 R/W 1 ICKS1 0 R/W Bit Initial value Read/Write Notes: 1. 2. Internal Clock Source Select*1 Reserved bit Flash memory control register enable 0 Flash memory control register not selected 1 Flash memory control register selected I2C master enable 0 CPU access to SCI0, SCI1, and SCI2 control registers is enabled 1 CPU access to I2C bus interface data, PWMX and control registers is enabled 0 PA7 to PA4 are normal I/O pins 1 PA7 to PA4 are I/O pins with bus driving capability I2C transfer select 1 and 0*2 I2C extra buffer select Used for 8-bit timer input clock selection. For details, see section 12.2.4, Timer Control Register (TCR). Used for I2C bus interface transfer clock selection. For details, see section 16.2.4, I2C Bus Mode Register (ICMR). |