| Moteur de recherche de fiches techniques de composants électroniques |
|
HD64F2149YV Fiches technique(PDF) 983 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV Fiches technique(HTML) 983 Page - Renesas Technology Corp |
|
983 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 955 of 1044 REJ09B0280-0300 P2DDR—Port 2 Data Direction Register H'FFB1 Port 2 7 P27DDR 0 W 6 P26DDR 0 W 5 P25DDR 0 W 4 P24DDR 0 W 3 P23DDR 0 W 0 P20DDR 0 W 2 P22DDR 0 W 1 P21DDR 0 W Bit Initial value Read/Write Specification of input or output for port 2 pins P1DR—Port 1 Data Register H'FFB2 Port 1 7 P17DR 0 R/W 6 P16DR 0 R/W 5 P15DR 0 R/W 4 P14DR 0 R/W 3 P13DR 0 R/W 0 P10DR 0 R/W 2 P12DR 0 R/W 1 P11DR 0 R/W Bit Initial value Read/Write Output data for port 1 pins P2DR—Port 2 Data Register H'FFB3 Port 2 7 P27DR 0 R/W 6 P26DR 0 R/W 5 P25DR 0 R/W 4 P24DR 0 R/W 3 P23DR 0 R/W 0 P20DR 0 R/W 2 P22DR 0 R/W 1 P21DR 0 R/W Bit Initial value Read/Write Output data for port 2 pins P3DDR—Port 3 Data Direction Register H'FFB4 Port 3 7 P37DDR 0 W 6 P36DDR 0 W 5 P35DDR 0 W 4 P34DDR 0 W 3 P33DDR 0 W 0 P30DDR 0 W 2 P32DDR 0 W 1 P31DDR 0 W Bit Initial value Read/Write Specification of input or output for port 3 pins |